Part Number Hot Search : 
0150CT 0NE03 S08RP SSAC90 TD141TG 2725T 1N935B 68300
Product Description
Full Text Search
 

To Download TCFGP1A155M Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 TCFG series
Tantalum capacitors
Chip tantalum capacitors with open-function built-in
TCFG series
!Features 1) Safety design by open functiom built - in. 2) Wide capacitance range 3) Screening by thermal shock. !External dimensions (Units : mm)
L W1
H
S
W2
S
W2
W1 Max.
Case code P (2012) A (3216) B (3528)
L 2.0+0.2 - 3.2+0.2 - 3.5+0.2 -
W1 1.25+ 0.2 - 1.6+0.2 - 2.8+0.2 -
W2 0.9+ 0.2 - 1.2+0.2 - 1.9+ 0.2 -
H Max.1.20 1.6+0.2 - + 0.2 1.9-
S 0.45+0.3 - 0.8+ 0.3 - + 0.8- 0.3
TC
1
A 0J 106M 8R
2 3 4 5 6
1 Series name
TC/TCFG
4 Capacitance
pF Code : 1st two digits represent significant figures, 3rd digit represent multiplier (number of zeros to follow)
2 Case code
TC TCFG M,P,A P,A,B
5 Capacitance Tolerance
M: K:
3 Rated voltage
Rataed voltage (V) 4 6.3 10 16 20 0G 0J 1A 1C 1D CODE
6 Taping
8 R Tape width (8mm) Anode is on the opposite side of the sprocket hole
1/15
TCFG series
Tantalum capacitors
!Capacitance range TCFG series
Raited voltage (V.DC) F 1.0 1.5 2.2 3.3 4.7 6.8 10 15 22 33 47 68 100 P P P,A P,A P,A P,A,B P,A,B A,B A,B B B P P P,A P,A P,A P,A,B P,A,B A,B A,B B B B 4 0G 6.3 0J 10 1A P P,A P,A P,A P,A,B A,B A,B A,B A,B B B 16 1C P,A A A A,B A,B A,B A,B B B 20 1D A
typical example Valtge code
Capacitance
P case (2012)
jJ -AA
Valtge code
Capacitance
A case (3216)
j 106
YAA
Valtge code
Capacitance
B case (3528)
10 16V
YAA
2/15
TCFG series
Tantalum capacitors
!Characteristics
Item Operating temperature Max. operating temperature at rated voltage Rated voltage (V. DC) Derated voltage (V. DC) Surge voltage (V. DC) Leakage current -55C ~ +125C +85C 4 6.3 10 16 20 2.5 4 6.3 10 13 5.2 8 13 20 26 Less than or equal to the larger of 0.5A or 0.01CV. Details are given in Table 1, "Standard Product List". 1.0 ~ 100F Measured value 60s after application of rated voltage. Measured frequency: 120 12Hz Measured voltage: 0.5Vrms + 1.5V. DC Measured circuit: equivalent series circuit Measured frequency: 120 12Hz Measured voltage: 0.5Vrms + 1.5V. DC Measured circuit: equivalent series circuit at 125C Performance Test methods / conditions (based on JIS C 5102, 5143)
Capacitance range
tan
P case A case
1F to 4.7F : 0.08 max. 6.8F to 15F : 0.10 max. 1F max.: 0.04 max. 1.5F to 22F : 0.06 max. 33F to 47F : 0.08 max. 3.3F to 47F : 0.06 max. 68F to 100F : 0.08 max. 27.5 max. 20.0 max. 15.0 max. No noticeable irregularities, and the markings must be easy to read. Must satisfy the initial specified value. A B case within 5% P case within 10% P case 1.5 times or less or initial specified tolerance. A B case must satisfy the initial specified value. 320C for 20s or less
B case Impedance P case A case B case Resistance to solder heat Appearance L.C C / C tan Open function operation Temperature cycle Appearance
Measured frequency: 100 10Hz Measured voltage: 0.5Vrms max. Measured circuit: equivalent series circuit Direct immersion into solder bath Solder bath temperature: 260 5C Immersion time: 5s Immersion cycles: 1 time
Direct immersion into solder bath (320 5C) The four cycles in the table below are repeated five times in succession. Temperature 1 -55 3C 2 Room temperature 125 2C 3 4 Room temperature Time 30 3mins. 3mins. max. 30 3mins. 3mins. max.
No noticeable irregularities, and the markings must be easy to read. Must satisfy the initial specified value. P case = Within 150% of initial limit. P case within 10% A B case within 5% P case 1.5 times or less or initial specified tolerance. A B case must satisfy the initial specified value. No noticeable irregularities, and the markings must be easy to read. Must satisfy the initial specified value. P case within 20% A B case within 10% P case 1.5 times or less or initial specified tolerance. A B case must satisfy the initial specified value.
L.C C / C tan Resistance to humidity (steady state) Appearance L.C C / C tan
Measured after being left for 500 12hrs. at 60 2C and 90 to 95% RH, then 1 to 2 hrs. at normal room temperature and humidity.
3/15
TCFG series
Tantalum capacitors
Item Temperature characteristics Temperature -55C C / C tan L.C Temperature +85C C / C tan L.C C / C tan L.C Surge resistance Appearance L.C C / C tan Hightemperature load Appearance L. C C / C tan Terminal strength Capacitance Appearance
Performance
Test methods / conditions (based on JIS C 5102,5143)
P case within +0% and -15% of the value before testing. A B case within +10% and -0% of the value before testing. P case within 1.5 times of the value before testing. A B case must satisfy the initial specified value. - P case within +0% and -15% of the value before testing. A B case within +0% and -10% of the value before testing. Must satisfy the initial specified value. Less than or equal to the larger of 5A or 0.1CV. P case within +20% and -0% of the value before testing. A B case within +15% and -0% of the value before testing. P case within 1.5 times of the value before testing. A B case must satisfy the initial specified value. Less than or equal to the larger of 6.3A or 0.125CV. A B case no noticeable irregularities, and the markings must be easy to read. Must satisfy the initial specified value. P case within 10% A B case within 5% P case within 1.5 times of the value before testing. A B case must satisfy the initial specified value. No noticeable irregularities, and the markings must be easy to read. Must satisfy the initial specified value. Within 10% P case within 1.5 times of the value before testing. A B case must satisfy the initial specified value. Value must be stable during measurement. No noticeable irregularities. Temp. Series Resistance Applied voltage Test time : 85 2C : 3max. : rated voltage : P case 1000 +36 hrs -0 A B case 2000 +73 hrs -0 meusure made after pieces shall be left for 1 to 2 hrs under room temp. and room humidity after test. Apply pressure to the device using the specified tool for 5s so that the center deflection is 1mm (see below).
50 20 (Units: mm) F (Direction of force)
Temperature +125C
Apply the rated surge voltage for 30 5s at intervals of 5 .05mins. 1000 times, with the temperature at 85 2C.
R230 1
45
45
4/15
TCFG series
Tantalum capacitors
Item Adhesion
Performance Terminals must not detach.
Test conditions With the device mounted on the printed circuit board, apply a force of 0.5kg f from each side for a period of 10 1s.
Device
C105
Force
YAA
Printed circuit board
External dimensions Markings
Refer to "External dimensions"
Measure using slide calipers that meet the requirements of JIS B7507 Class 2. Immerse in isopropyl alcohol for 30 5s. Immersion speed: 25 2.5mm / s Pre-processing (accelerated aging): leave for 1hr over boiling distilled water. Solder temperature: 235 5C Immersion time: 2 0.5s Solder type: H63A Flux: rosin 25%, IPA 75% Vibrate in the X / Y axis at frequencies of 10~55~10Hz / minute for two hours each, with a total vibration amplitude of 1.5mm. Apply either 0.1 times the rated voltage, or 3V, whichever is smaller, via a series resister of 3max. and 0.1min. at a temperature of 85 2C.
Resistance to Marking must be easy to read. solvents At least 3 / 4 of the surface of the immersed terminals must be covered with new solder.
Solderability Inspect the solder cover of the terminals using a solder immersion test
Resistance to vibration
Capacitance Appearance
Value must be stable during measurement. No noticeable irregularities.
Reverse polarity withstanding voltage
Appearance L.C C / C tan
No noticeable irregularities, and the markings must be easy to read. Must be less than or equal to twice the initial specified value. Within 10% of the value before the test. Must be less than or equal to 1.5 times the initial specified value.
5/15
TCFG series
Tantalum capacitors
!Table 1Standard list, TCFG series
6/15
TCFG series
Tantalum capacitors
(P : 2012 A : 3216 B : 3528) Rated voltage at 85C (V) TCF GP 0G 225 TCF GP 0G 335 TCF GP 0G 475 TCF GA 0G 475 TCF GP 0G 685 TCF GA 0G 685 TCF GP 0G 106 TCF GA 0G 106 TCF GP 0G 156 TCF GA 0G 156 TCF GB 0G 156 TCF GA 0G 226 TCF GB 0G 226 TCF GA 0G 336 TCF GB 0G 336 TCF GA 0G 476 TCF GB 0G 476 TCF GB 0G 686 TCF GB 0G 107 TCF GP 0J 155 TCF GP 0J 225 TCF GP 0J 335 TCF GA 0J 335 TCF GP 0J 475 TCF GA 0J 475 TCF GP 0J 685 TCF GA 0J 685 TCF GP 0J 106 TCF GA 0J 106 TCF GB 0J 106 TCF GA 0J 156 TCF GB 0J 156 TCF GA 0J 226 TCF GB 0J 226 TCF GA 0J 336 TCF GB 0J 336 TCF GB 0J 476 TCF GB 0J 686 4 4 4 4 4 4 4 4 4 4 4 4 4 4 4 4 4 4 4 6.3 6.3 6.3 6.3 6.3 6.3 6.3 6.3 6.3 6.3 6.3 6.3 6.3 6.3 6.3 6.3 6.3 6.3 6.3
Tolerance (M : 20%, K : 10%)
Part No.
Derated voltage at 125C (V) 2.5 2.5 2.5 2.5 2.5 2.5 2.5 2.5 2.5 2.5 2.5 2.5 2.5 2.5 2.5 2.5 2.5 2.5 2.5 4 4 4 4 4 4 4 4 4 4 4 4 4 4 4 4 4 4 4
Surge voltage at 85C (V) 5.2 5.2 5.2 5.2 5.2 5.2 5.2 5.2 5.2 5.2 5.2 5.2 5.2 5.2 5.2 5.2 5.2 5.2 5.2 8 8 8 8 8 8 8 8 8 8 8 8 8 8 8 8 8 8 8
Leakage Capacitance Tolerance current at 25C 1WV.60s (A) (F) (%) 2.2 3.3 4.7 4.7 6.8 6.8 10 10 15 15 15 22 22 33 33 47 47 68 100 1.5 2.2 3.3 3.3 4.7 4.7 6.8 6.8 10 10 10 15 15 22 22 33 33 47 68 20,10 20,10 20,10 20,10 20,10 20,10 20,10 20,10 20,10 20,10 20,10 20,10 20,10 20,10 20,10 20,10 20,10 20,10 20,10 20,10 20,10 20,10 20,10 20,10 20,10 20,10 20,10 20,10 20,10 20,10 20,10 20,10 20,10 20,10 20,10 20,10 20,10 20,10 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.6 0.6 0.6 0.9 0.9 1.3 1.3 1.9 1.9 2.7 4.0 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.6 0.6 0.6 0.9 0.9 1.4 1.4 2.1 2.1 3.0 4.3
DF 120Hz 25C (%) 8 8 8 6 10 6 10 6 10 6 6 6 6 8 6 8 6 8 8 8 8 8 6 8 6 10 6 10 6 6 6 6 6 6 8 6 6 8
Case code
P P P A P A P A P A B A B A B A B B B P P P A P A P A P A B A B A B A B B B
7/15
TCFG series
Tantalum capacitors
(P : 2012 A : 3216 B : 3528) Rated voltage at 85C (V) TCF GP 1A 105 TCF GP 1A 155 TCF GA 1A 155 TCF GP 1A 255 TCF GA 1A 225 TCF GP 1A 335 TCF GA 1A 335 TCF GP 1A 475 TCF GA 1A 475 TCF GB 1A 475 TCF GA 1A 685 TCF GB 1A 685 TCF GA 1A 106 TCF GB 1A 106 TCF GA 1A 156 TCF GB 1A 156 TCF GB 1A 226 TCF GB 1A 336 TCF GB 1A 476 TCF GP 1C 105 TCF GA 1C 105 TCF GA 1C 155 TCF GA 1C 225 TCF GA 1C 335 TCF GB 1C 335 TCF GA 1C 475 TCF GB 1C 475 TCF GA 1C 685 TCF GB 1C 685 TCF GB 1C 106 TCF GB 1C 156 TCF GB 1C 226 TCF GA 1D 105 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 16 16 16 16 16 16 16 16 16 16 16 16 16 20
Tolerance (M : 20%, K : 10%)
Part No.
Derated voltage at 125C (V) 6.3 6.3 6.3 6.3 6.3 6.3 6.3 6.3 6.3 6.3 6.3 6.3 6.3 6.3 6.3 6.3 6.3 6.3 6.3 10 10 10 10 10 10 10 10 10 10 10 10 10 13
Surge voltage at 85C (V) 13 13 13 13 13 13 13 13 13 13 13 13 13 13 13 13 13 13 13 20 20 20 20 20 20 20 20 20 20 20 20 20 26
Capacitance Tolerance
(F) 1.0 1.5 1.5 2.2 2.2 3.3 3.3 4.7 4.7 4.7 6.8 6.8 10 10 15 15 22 33 47 1.0 1.0 1.5 2.2 3.3 3.3 4.7 4.7 6.8 6.8 10 15 22 1.0
(%) 20,10 20,10 20,10 20,10 20,10 20,10 20,10 20,10 20,10 20,10 20,10 20,10 20,10 20,10 20,10 20,10 20,10 20,10 20,10 20,10 20,10 20,10 20,10 20,10 20,10 20,10 20,10 20,10 20,10 20,10 20,10 20,10 20,10
Leakage current at 25C 1WV.60s (A) 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.7 0.7 1.0 1.0 1.5 1.5 2.2 3.3 4.7 0.5 0.5 0.5 0.5 0.5 0.5 0.8 0.8 1.1 1.1 1.6 2.4 3.5 0.5
DF 120Hz 25C (%) 8 8 6 8 6 8 6 8 6 6 6 6 6 6 6 6 6 6 6 8 4 6 6 6 6 6 6 6 6 6 6 6 4
Case code
P P A P A P A P A B A B A B A B B B B P A A A A B A B A B B B B A
8/15
TCFG series
Tantalum capacitors
Taping TCFG
1.75 0.1
+ 0.1 1.5 - 0 A B
Reel Plastic reel
9.0 0.3
t1
11.4 1.0
3.5 0.05
8.0 0.3
Product
13 0.2
2.0 0.05 Pull-out direction
Case code P (2012) A (3216) B (3528)
A 0.1 1.55 1.9 3.3
B 0.1 2.3 3.5 3.8
t1 0.05 0.25 0.25 0.25
t2 0.1 1.5 1.9 2.2 Label position
Some emboss tapes have the center hole on its bottom.
EIAJ ETX - 7001comformed
!Packaging style
Part No. TCFG Package type Taping Packaging style Plastic taping 180 mm reel Symbol R
Basic ordering unit (pcs)
2,000
60
t2
180
4.0 0.1
4.0 0.1
+1 0
9/15
0 -3
TCFG series
Tantalum capacitors
! Electrical characteristics and operation notes (1) Soldering conditions (soldering temperature and soldering time)
Preheat 170 TCFG 160 260 280 TCFG Reflow
TEMPERATURE (C)
TEMPERATURE (C)
150
240
140
220
130 0
60
90
120
150
180
200 0
10
20
30
40
50
60
70
TIME (sec)
TIME (sec)
Fig.1 Reflow (Infrared Ray, Hot Plate, Hot Air)
270 TCFG 260
TEMPERATURE (C)
TEMPERATURE (C)
340 TCFG
250 240 230 220 210 200 0
320
300
280
2
4
6
8
10
12
14
16
0
5
10
15
20
25
TIME (sec)
TIME (sec)
Fig.2 Flow (Dipping wave soldering)
Fig.3 Hand soldering (soldering gun output: 30W or less)
(2) Leakage current-to-voltage ratio
LEALKAGE CURRENT RATIO DCL / DCL
1
0.1
0.01 0
20
40
60
80
100
% OF RATED VOLTAGE (VR)
Fig.4
10/15
TCFG series
Tantalum capacitors
(3) Derating voltage as function of temperature
100
PERCENT OF 85C RVDC1 (VR)
85C Rated Voltage (V.DC) Surge Voltage (V.DC) 5.2 8 13 20 26
125C Category Voltage (V.DC) 2.5 4 6.3 10 13 Surge Voltage (V.DC) 3.4 5 9 12 16
90
80
4 6.3
70
10 16 20
60
50 75
85
95
105
115
125
TEMPERATURE (C)
Fig.5
(4) Reliability The malfunction rate of tantalum solid state electrolytic capacitors varies considerably depending on the conditions of usage (ambient temperature, applied voltage, circuit resistance). Formula for calculating malfunction rate p = b x (E x SR x Q x CV) p b E SR Q CV : Malfunction rate stemming from operation : Basic malfunction rate : Environmental factors : Series resistance : Level of malfunction rate : Capacitance
For details on how to calculate the malfunction rate stemming from operation, see the tantalum solid state electrolytic capacitors column in MIL-HDBK-217.
Malfunction rate as function of operating temperature and rated voltage
1.0 Ratio =
FAILURE RATE COEFFICIENT
Malfunction rate as function of circuit resistance (/V)
6.0
RESISTANCE COEFFICIENT ()
Applied Voltage Rated Voltage
0.5 0.3 0.2 0.1 0.06 0.03 0.02 0.01 20 40 60
1.0
4.0
0.7
2.0
0.5
1.0 0.8 0.6 0.4 0.1 0.2 0.4 0.6 1.0 2.0 3.0
0.3
0.1 85
OPERATING TEMPERATURE (C)
RESISTANCE OF CIRCUIT ( / V)
Fig.6
Fig.7
11/15
TCFG series
Tantalum capacitors
(5) External temperature vs. fuse blowout (6) Power vs. fuse blowout characteristics / Product surface temperature
100
360
EXTERNAL TEMPERATURE (C)
350 340 330 320 310 300 290 280 270 260 1 10 TIME (sec) No failed
P case (2012) A case (3216) B case (3528)
90
OPERATING TIME (sec)
80 70 60 50 40 30 20 10
P case (2012) A case (3216) B case (3528) Open-function charcteristic
300
Failed Half failed
Surface temp. 250 curve of the products 200
Operating area
150
100
0 012 No operating area
3
4
5
6
7
8
9
10
ELECTRIC POWER (W)
Fig.8
Fig.9
Note: Solder the chip at 300C or less. If it is soldered using a temperature higher than 300C, open function built-in may operate.
(7) Maximum power dissipation Warming of the capacitor due to ripple voltage balances with warming caused by Joule heating and by radiated heat. Maximum allowable warming of the capacitor is to 5C above ambient temperature. When warming exceeds 5C, it can damage the dielectric and cause a short circuit. Power dissipation (P) = I $ R Ripple current P : As shown in table at right R : Equivalent series resistance
2
Notes: 1. Please be aware that when case size is changed, maximum allowable power dissipation is reduced. 2. Maximum power dissipation varies depending on the package. Be sure to use a case which will keep warming within the limits shown in the table below. Allowable power dissipation (W) and maximum temperature rising
Ambient temp. Case P case (2012) A case (3216) B case (3528) Max. temp. rise 0.025 0.070 0.080 5 0.022 0.063 0.072 5 0.020 0.056 0.064 5 0.010 0.028 0.032 2 +25C +55C +85C +125C
SURFACE TEMP. OF THE PRODUCT (C)
12/15
TCFG series
Tantalum capacitors
(8) Impedance frequency characteristics
100000 10000 A105 P case (2012) G475 A case (3216) C105 A case (3216) C335 B case (3528)
(9) ESR frequency characteristics
100 A105 P case (2012) G475 A case (3216) C105 A case (3216) C335 B case (3528)
IMPEDANCE ()
1000 100 10 1
10
ESR ()
1 0.1 1
1
100
10k
1M
100M 500M
100
10k
1M
100M 500M
FREQUENCY (Hz)
FREQUENCY (Hz)
Fig.10
Fig.11
(10) Temperature characteristics
10 CAP 120Hz 10V-1F P case (2012) 4V-4.7F A case (3216) 4V-33F B case (3528)
5 DF 120Hz 10V-1F P case (2012) 4V-4.7F A case (3216) 4V-33F B case (3528)
6
CAP CHANGE (%)
4
0 -2
DF (%)
2
3
2
-6
1
-10 -55
25
85
125
0 -55
25
85
125
TEMPERATURE (C)
TEMPERATURE (C)
Fig.12
Fig.13
1000
LC 1WV 10V-1F P case (2012) 4V-4.7F A case (3216) 4V-33F B case (3528)
100
LC (nA)
10 0 -55
25
85
125
TEMPERATURE (C)
Fig.14
13/15
TCFG series
Tantalum capacitors
Inrush current
Beware of inrush current. Inrush currents are inversely proportional to ESR. Large inrush currents can cause component failure.
100 33F 33F 100F
INRUSH CURRENT (A)
Tantalum capacitor Aluminum electrolyte
10
15F 4.7F
4.7F 47F 22F
1
Vpp = 10V limit = 20A Pulse Width = 500sec. Power OP Amp Slew Rate = 10V / 6s 0.1 0.1 1 10 100
ESR (100kHz)
Fig.16 Maximum inrush current and ESR
Inrush current can be limited by means of a protective resistor. 100 SAMPLE 16V-3.3F NEC Pulse width = 500sec Slew rate = 10V-6c Current limit = 20A
R = 0 V I = 0.476 R
I (A)
10
0.25 0.5 1.0
C
2.0 5.0
1 V I = 0.476 + R
0.1 0.1
1
V (V)
10
100
Fig.17 Imax change due to protective resistor R
(11) Ultrasonic cleaning Carry out cleaning under the mildest conditions possible. The internal element of a tantalum capacitor are larger than those of a transistor or diode, so it is not as resistant to ultrasonic waves. Example : water Propagation speed Solvent density
Frequency and wavelength Frequency Wavelength 20kHz 7.5cm 28kHz 5.3cm 50kHz 3.0cm
1500m / s 3 1g / cm
Precautions
14/15
TCFG series
Tantalum capacitors
1) Do not allow solvent to come to a boil (kinetic energy increases). 2 $ Ultrasonic output 0.5W / cm or less $ Use a solvent with a high boiling point. $ Lower solvent temperature. 2) Ultrasonic cleaning frequency 28 kHz or less 3) Keep cleaning time as short as possible. 4) Move item being cleaned. Standing waves caused by the ultrasonic waves can cause stress to build up in part of the item being cleaned.
Reference
Kinetic energy = 2 x x frequency x 2 x ultrasonic output propagation speed x solvent density
15/15
Appendix
Notes
No technical content pages of this document may be reproduced in any form or transmitted by any means without prior permission of ROHM CO.,LTD. The contents described herein are subject to change without notice. The specifications for the product described in this document are for reference only. Upon actual use, therefore, please request that specifications to be separately delivered. Application circuit diagrams and circuit constants contained herein are shown as examples of standard use and operation. Please pay careful attention to the peripheral conditions when designing circuits and deciding upon circuit constants in the set. Any data, including, but not limited to application circuit diagrams information, described herein are intended only as illustrations of such devices and not as the specifications for such devices. ROHM CO.,LTD. disclaims any warranty that any use of such devices shall be free from infringement of any third party's intellectual property rights or other proprietary rights, and further, assumes no liability of whatsoever nature in the event of any such infringement, or arising from or connected with or related to the use of such devices. Upon the sale of any such devices, other than for buyer's right to use such devices itself, resell or otherwise dispose of the same, no express or implied right or license to practice or commercially exploit any intellectual property rights or other proprietary rights owned or controlled by ROHM CO., LTD. is granted to any such buyer. Products listed in this document use silicon as a basic material. Products listed in this document are no antiradiation design.
The products listed in this document are designed to be used with ordinary electronic equipment or devices (such as audio visual equipment, office-automation equipment, communications devices, electrical appliances and electronic toys). Should you intend to use these products with equipment or devices which require an extremely high level of reliability and the malfunction of with would directly endanger human life (such as medical instruments, transportation equipment, aerospace machinery, nuclear-reactor controllers, fuel controllers and other safety devices), please be sure to consult with our sales representative in advance. About Export Control Order in Japan Products described herein are the objects of controlled goods in Annex 1 (Item 16) of Export Trade Control Order in Japan. In case of export from Japan, please confirm if it applies to "objective" criteria or an "informed" (by MITI clause) on the basis of "catch all controls for Non-Proliferation of Weapons of Mass Destruction.
Appendix1-Rev1.0


▲Up To Search▲   

 
Price & Availability of TCFGP1A155M

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X